Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download CAT93C46B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 january, 2014 ? rev. 3 1 publication order number: CAT93C46B/d CAT93C46B 1-kb microwire serial eeprom description the CAT93C46B is a 1 ? kb serial eeprom memory device which is configured as either 64 registers of 16 bits (org pin at v cc ) or 128 registers of 8 bits (org pin at gnd). each register can be written (or read) serially by using the di (or do) pin. the CAT93C46B features a self ? timed internal write with auto ? clear. on ? chip power ? on reset circuit protects the internal logic against powering up in the wrong state. features ? high speed operation: 4 mhz ? 1.8 v (1.65 v*) to 5.5 v supply voltage range ? selectable x8 or x16 memory organization ? self ? timed write cycle with auto ? clear ? sequential read ? software write protection ? power ? up inadvertant write protection ? low power cmos technology ? 1,000,000 program/erase cycles ? 100 year data retention ? industrial and extended temperature ranges ? 8 ? pin pdip, soic, tssop and 8 ? pad udfn and tdfn packages ? this device is pb ? free, halogen free/bfr free and rohs compliant ? figure 1. functional symbol do gnd CAT93C46B v cc org cs sk di *CAT93C46Bxx ? xxl (t a = ? 20  c to +85  c) ?for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. pin configurations gnd nc v cc do di sk cs 1 org pdip (l), soic (v, x), tssop (y), udfn (hu4), tdfn (vp2)** (top view) di gnd org sk cs v cc nc 1 do soic (w)** (top view) http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet. ordering information chip select cs clock input sk serial data input di serial data output do power supply v cc ground gnd function pin name pin function memory organization org no connection nc note: when the org pin is connected to v cc , the x16 organization is selected. when it is connected to ground, the x8 organization is selected. if the org pin is left unconnected, then an internal pullup device will select the x16 organization. soic ? 8 v, w** suffix case 751bd pdip ? 8 l suffix case 646aa tdfn ? 8** vp2 suffix case 511ak tssop ? 8 y suffix case 948al soic ? 8 x suffix case 751be udfn ? 8 hu4 suffix case 517az ** not recommended for new designs.
CAT93C46B http://onsemi.com 2 table 1. absolute maximum ratings parameter value units storage temperature ? 65 to +150 c voltage on any pin with respect to ground (note 1) ? 0.5 to +6.5 v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. the dc input voltage on any pin should not be lower than ? 0.5 v or higher than v cc + 0.5 v. during transitions, the voltage on any pin may undershoot to no less than ? 1.5 v or overshoot to no more than v cc + 1.5 v, for periods of less than 20 ns. table 2. reliability characteristics (note 2) symbol parameter min units n end (note 3) endurance 1,000,000 program / erase cycles t dr data retention 100 years 2. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 3. block mode, v cc = 5 v, 25 c table 3. d.c. operating characteristics (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +125 c, v cc = +1.65 v to +5.5 v, t a = ? 20 c to +85 c unless otherwise specified.) symbol parameter test conditions min max units i cc1 supply current (write) write, v cc = 5.0 v 1 ma i cc2 supply current (read) read, do open, f sk = 2 mhz, v cc = 5.0 v 500  a i sb1 standby current (x8 mode) v in = gnd or v cc cs = gnd, org = gnd t a = ? 40 c to +85 c 2  a t a = ? 40 c to +125 c 5 i sb2 standby current (x16 mode) v in = gnd or v cc cs = gnd, org = float or v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 3 i li input leakage current v in = gnd to v cc t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 i lo output leakage current v out = gnd to v cc cs = gnd t a = ? 40 c to +85 c 1  a t a = ? 40 c to +125 c 2 v il1 input low voltage 4.5 v v cc < 5.5 v ? 0.1 0.8 v v ih1 input high voltage 4.5 v v cc < 5.5 v 2 v cc + 1 v v il2 input low voltage 1.65 v v cc < 4.5 v 0 v cc x 0.2 v v ih2 input high voltage 1.65 v v cc < 4.5 v v cc x 0.7 v cc + 1 v v ol1 output low voltage 4.5 v v cc < 5.5 v, i ol = 3 ma 0.4 v v oh1 output high voltage 4.5 v v cc < 5.5 v, i oh = ? 400  a 2.4 v v ol2 output low voltage 1.65 v v cc < 4.5 v, i ol = 1 ma 0.2 v v oh2 output high voltage 1.65 v v cc < 4.5 v, i oh = ? 100  a v cc ? 0.2 v product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. table 4. pin capacitance (t a = 25 c, f = 1 mhz, v cc = 5 v) symbol test conditions min typ max units c out (note 4) output capacitance (do) v out = 0 v 5 pf c in (note 4) input capacitance (cs, sk, di, org) v in = 0 v 5 pf 4. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods.
CAT93C46B http://onsemi.com 3 table 5. a.c. characteristics (v cc = +1.8 v to +5.5 v, t a = ? 40 c to +125 c, v cc = +1.65 v to +5.5 v, t a = ? 20 c to +85 c unless otherwise specified.) symbol parameter v cc < 3.3 v v cc > 3.3 v t a = ? 40  c to +85  c units min max min max t css cs setup time 50 50 ns t csh cs hold time 0 0 ns t dis di setup time 100 50 ns t dih di hold time 100 50 ns t pd1 output delay to 1 0.25 0.1  s t pd0 output delay to 0 0.25 0.1  s t hz (note 5) output delay to high ? z 100 100 ns t ew program / erase cycle time write, erase 3 3 ms wral, eral 5 5 t csmin minimum cs low time 0.25 0.1  s t skhi minimum sk high time 0.25 0.1  s t sklow minimum sk low time 0.25 0.1  s t sv output delay to status valid 0.25 0.1  s sk max maximum clock frequency dc 2000 dc 4000 khz 5. this parameter is tested initially and after a design or process change that affects the parameter. table 6. power ? up timing (notes 6 and 7) symbol parameter max units t pur power ? up to read operation 0.1 ms t puw power ? up to write operation 0.1 ms 6. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 7. t pur and t puw are the delays required from the time v cc is stable until the specified operation can be initiated. table 7. a.c. test conditions input rise and fall times  50 ns input pulse voltages 0.4 v to 2.4 v 4.5 v  v cc  5.5 v timing reference voltages 0.8 v, 2.0 v 4.5 v  v cc  5.5 v input pulse voltages 0.2 v cc to 0.7 v cc 1.65 v  v cc  4.5 v timing reference voltages 0.5 v cc 1.65 v  v cc  4.5 v output load current source i olmax /i ohmax ; c l = 100 pf
CAT93C46B http://onsemi.com 4 device operation the CAT93C46B is a 1024 ? bit nonvolatile memory intended for use with industry standard microprocessors. the CAT93C46B can be organized as either registers of 16 bits or 8 bits. when organized as x16, seven 9 ? bit instructions control the reading, writing and erase operations of the device. when organized as x8, seven 10 ? bit instructions control the reading, writing and erase operations of the device. the CAT93C46B operates on a single power supply and will generate on chip the high voltage required during any write operation. instructions, addresses, and write data are clocked into the di pin on the rising edge of the clock (sk). the do pin is normally in a high impedance state except when reading data from the device, or when checking the ready/busy status during a write operation. the serial communication protocol follows the timing shown in figure 2. the ready/busy status can be determined after the start of internal write cycle by selecting the device (cs high) and polling the do pin; do low indicates that the write operation is not completed, while do high indicates that the device is ready for the next instruction. if necessary, the do pin may be placed back into a high impedance state during chip select by shifting a dummy ?1? into the di pin. the do pin will enter the high impedance state on the rising edge of the clock (sk). placing the do pin into the high impedance state is recommended in applications where the di pin and the do pin are to be tied together to form a common di/o pin. the ready/busy flag can be disabled only in ready state; no change is allowed in busy state. the format for all instructions sent to the device is a logical ?1? start bit, a 2 ? bit (or 4 ? bit) opcode, 6 ? bit address (an additional bit when organized x8) and for write operations a 16 ? bit data field (8 ? bit for x8 organization). read upon receiving a read command (figure 3) and an address (clocked into the di pin), the do pin of the CAT93C46B will come out of the high impedance state and, after sending an initial dummy zero bit, will begin shifting out the data addressed (msb first). the output data bits will toggle on the rising edge of the sk clock and are stable after the specified time delay (t pd0 or t pd1 ). after the initial data word has been shifted out and cs remains asserted with the sk clock continuing to toggle, the device will automatically increment to the next address and shift out the next data word in a sequential read mode. as long as cs is continuously asserted and sk continues to toggle, the device will keep incrementing to the next address automatically until it reaches to the end of the address space, then loops back to address 0. in the sequential read mode, only the initial data word is proceeded by a dummy zero bit. all sunsequent data words will follow without a dummy zero bit. erase/write enable and disable the CAT93C46B powers up in the write disable state. any writing after power ? up or after an ewds (write disable) instruction must first be preceded by the ewen (write enable) instruction. once the write instruction is enabled, it will remain enabled until power to the device is removed, or the ewds instruction is sent. the ewds instruction can be used to disable al l CAT93C46B write and erase instructions, and will prevent any accidental writing or clearing of the device. data can be read normally from the device regardless of the write enable/disable status. the ewen and ewds instructions timing is shown in figure 4. table 8. instruction set instruction start bit opcode address data comments x8 x16 x8 x16 read 1 10 a6 ? a0 a5 ? a0 read address an?a0 erase 1 11 a6 ? a0 a5 ? a0 clear address an?a0 write 1 01 a6 ? a0 a5 ? a0 d7 ? d0 d15 ? d0 write address an?a0 ewen 1 00 11xxxxx 11xxxx write enable ewds 1 00 00xxxxx 00xxxx write disable eral* 1 00 10xxxxx 10xxxx clear all addresses wral* 1 00 01xxxxx 01xxxx d7 ? d0 d15 ? d0 write all addresses * not available at v cc < 1.8 v
CAT93C46B http://onsemi.com 5 figure 2. synchronous data timing sk di cs do valid data valid t csh t dih t csmin t dis t pd0 , t pd1 valid t dis t css t skhi t sklow figure 3. read instruction timing sk cs di do high ? z 11 0 dummy 0 don?t care a n a n ? 1 t pd0 a 0 address + n d 15 . . . or d 7 . . . address + 2 d 15 . . . d 0 or d 7 . . . d 0 address + 1 d 15 . . . d 0 or d 7 . . . d 0 d 15 . . . d 0 or d 7 . . . d 0 figure 4. ewen/ewds instruction timing cs di standby 0 * * enable = 11 disable = 00 sk 0 1
CAT93C46B http://onsemi.com 6 write after receiving a write command (figure 5), address and the data, the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking for auto ? clear and data store cycles on the memory location specified in the instruction. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the CAT93C46B can be determined by selecting the device and polling the do pin. since this device features auto ? clear before write, it is not necessary to erase a memory location before it is written into. erase upon receiving an erase command and address, the cs (chip select) pin must be de ? asserted for a minimum of t csmin (figure 6). the falling edge of cs will start the self clocking clear cycle of the selected memory location. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the CAT93C46B can be determined by selecting the device and polling the do pin. once cleared, the content of a cleared location returns to a logical ?1? state. erase all upon receiving an eral command (figure 7), the cs (chip select) pin must be deselected for a minimum of t csmin . the falling edge of cs will start the self clocking clear cycle of all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the CAT93C46B can be determined by selecting the device and polling the do pin. once cleared, the contents of all memory bits return to a logical ?1? state. write all upon receiving a wral command and data, the cs (chip select) pin must be deselected for a minimum of t csmin (figure 8). the falling edge of cs will start the self clocking data write to all memory locations in the device. the clocking of the sk pin is not necessary after the device has entered the self clocking mode. the ready/busy status of the CAT93C46B can be determined by selecting the device and polling the do pin. it is not necessary for all memory locations to be cleared before the wral command is executed. figure 5. write instruction timing sk cs di do standby high ? z high ? z 101 busy ready status verify a n a n ? 1 a 0 d n d 0 t csmin t ew t sv t hz
CAT93C46B http://onsemi.com 7 figure 6. erase instruction timing sk cs di do standby high ? z high ? z 1 busy ready status verify 11 a n a n ? 1 a 0 t cs min t sv t hz t ew figure 7. eral instruction timing sk cs di do standby high ? z high ? z 10 1 busy ready status verify 00 t cs min t hz t sv t ew figure 8. wral instruction timing status verify sk cs di do standb y high ? z 10 1 busy ready 0 0 d n d 0 t csmin t ew t sv t hz
CAT93C46B http://onsemi.com 8 package dimensions pdip ? 8, 300 mils case 646aa ? 01 issue a e1 d a l eb b2 a1 a2 e eb c top view side view end view pin # 1 identification notes: (1) all dimensions are in millimeters. (2) complies with jedec ms-001. symbol min nom max a a1 a2 b b2 c d e e1 l 0.38 2.92 0.36 6.10 1.14 0.20 9.02 2.54 bsc 3.30 5.33 4.95 0.56 7.11 1.78 0.36 10.16 eb 7.87 10.92 e 7.62 8.25 2.92 3.80 3.30 0.46 6.35 1.52 0.25 9.27 7.87
CAT93C46B http://onsemi.com 9 package dimensions soic 8, 150 mils case 751bd ? 01 issue o e1 e a a1 h l c e b d pin # 1 identification top view side view end view notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-012. symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.33 0.19 0.25 4.80 5.80 3.80 1.27 bsc 1.75 0.25 0.51 0.25 0.50 5.00 6.20 4.00 l 0.40 1.27 1.35
CAT93C46B http://onsemi.com 10 package dimensions soic ? 8, 208 mils case 751be ? 01 issue o e1 eb side view top view e d pin#1 identification end view a1 a l c notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with eiaj edr-7320.  symbol min nom max a a1 b c d e e1 e 0o 8o 0.05 0.36 0.19 5.13 7.75 5.13 1.27 bsc 2.03 0.25 0.48 0.25 5.33 8.26 5.38 l 0.51 0.76
CAT93C46B http://onsemi.com 11 package dimensions tssop8, 4.4x3 case 948al ? 01 issue o e1 e a2 a1 e b d c a top view side view end view  1 l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 2.90 6.30 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.75 3.10 6.50 4.50 0.90 0.60 3.00 6.40 4.40
CAT93C46B http://onsemi.com 12 package dimensions udfn8, 2x3 extended pad case 517az ? 01 issue o 0.065 ref copper exposed e2 d2 l e pin #1 index area pin #1 identification dap size 1.8 x 1.8 detail a d a1 b e a top view side view front view detail a bottom view a3 0.065 ref 0.0 - 0.05 a3 notes: (1) all dimensions are in millimeters. (2) refer jedec mo-236/mo-252. symbol min nom max a 0.45 0.50 0.55 a1 0.00 0.02 0.05 a3 0.127 ref b 0.20 0.25 0.30 d 1.95 2.00 2.05 d2 1.35 1.40 1.45 e 3.00 e2 1.25 1.30 1.35 e 2.95 0.50 ref 3.05 l 0.25 0.30 0.35 a
CAT93C46B http://onsemi.com 13 package dimensions tdfn8, 2x3 case 511ak ? 01 issue a pin#1 identification e2 e a3 eb d a2 top view side view bottom view pin#1 index area front view a1 a l d2 notes: (1) all dimensions are in millimeters. (2) complies with jedec mo-229. symbol min nom max a 0.70 0.75 0.80 a1 0.00 0.02 0.05 a3 0.20 ref b 0.20 0.25 0.30 d 1.90 2.00 2.10 d2 1.30 1.40 1.50 e 3.00 e2 1.20 1.30 1.40 e 2.90 0.50 typ 3.10 l 0.20 0.30 0.40 a2 0.45 0.55 0.65
CAT93C46B http://onsemi.com 14 example of ordering information device order number specific device marking package type temperature range lead finish shipping CAT93C46Bli ? g 93c46p pdip ? 8 i = industrial ( ? 40 c to +85 c) nipdau tube, 50 units / tube CAT93C46Ble ? g 93c46p pdip ? 8 e = extended ( ? 40 c to +125 c) nipdau tube, 50 units / tube CAT93C46Bve ? gt3 93c46p soic ? 8, jedec e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bvi ? gt3 93c46p soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bvi ? gt3l 93c46p soic ? 8, jedec i = industrial ( ? 20 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bvp2i ? gt3 (note 8) m0t tdfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bwi ? gt3 (note 8) 93c46p soic ? 8, jedec i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bxi ? t2 93c46p soic ? 8, eiaj i = industrial ( ? 40 c to +85 c) matte ? tin tape & reel, 2,000 units / reel CAT93C46Bxe ? t2 93c46p soic ? 8, eiaj e = extended ( ? 40 c to +125 c) matte ? tin tape & reel, 2,000 units / reel CAT93C46Byi ? gt3 m46p tssop ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Byi ? gt3l m46p tssop ? 8 i = industrial ( ? 20 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bye ? gt3 m46p tssop ? 8 e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bhu4i ? gt3 m0u udfn ? 8 i = industrial ( ? 40 c to +85 c) nipdau tape & reel, 3,000 units / reel CAT93C46Bhu4e ? gt3 m0u udfn ? 8 e = extended ( ? 40 c to +125 c) nipdau tape & reel, 3,000 units / reel 8. not recommended for new designs. 9. all packages are rohs ? compliant (lead ? free, halogen ? free). 10. the standard lead finish is nipdau. 11. for additional package and temperature options, please contact your nearest on semiconductor sales office. 12. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and ree l packaging specifications brochure, brd8011/d. 13. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor devic e nomenclature document, tnd310/d, available at www.onsemi.com on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 CAT93C46B/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of CAT93C46B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X